전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM80 데이터시트(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM80
상세설명  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 데이터시트(HTML) 15 Page - National Semiconductor (TI)

Back Button LM80_01 Datasheet HTML 11Page - National Semiconductor (TI) LM80_01 Datasheet HTML 12Page - National Semiconductor (TI) LM80_01 Datasheet HTML 13Page - National Semiconductor (TI) LM80_01 Datasheet HTML 14Page - National Semiconductor (TI) LM80_01 Datasheet HTML 15Page - National Semiconductor (TI) LM80_01 Datasheet HTML 16Page - National Semiconductor (TI) LM80_01 Datasheet HTML 17Page - National Semiconductor (TI) LM80_01 Datasheet HTML 18Page - National Semiconductor (TI) LM80_01 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Functional Description (Continued)
Counts are based on 2 pulses per revolution tachometer outputs.
RPM
Time per Revolution
Counts for “Divide by 2”
Comments
(Default) in Decimal
4400
13.64 ms
153 counts
Typical RPM
3080
19.48 ms
219 counts
70% RPM
2640
22.73 ms
255 counts
60% RPM
(maximum counts)
Mode Select
Nominal
RPM
Time per Revolution
Counts for the
70%
RPM
Time per Revolution
Given Speed in Decimal
for 70% RPM
Divide by 1
8800
6.82 ms
153
6160
9.74 ms
Divide by 2
4400
13.64 ms
153
3080
19.48 ms
Divide by 4
2200
27.27 ms
153
1540
38.96 ms
Divide by 8
1100
54.54 ms
153
770
77.92 ms
DS100040-12
(a) Fan with Tach Pull-Up to +5V
DS100040-13
(b) Fan with Tach Pull-Up to +12V, or Totem-Pole
Output and Resistor Attenuator
DS100040-14
(c) Fan with Tach Pull-Up to +12V and Diode Clamp
DS100040-15
(d) Fan with Strong Tach Pull-Up or Totem Pole Output
and Diode Clamp
FIGURE 7. Alternatives for Fan Inputs
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29