| 전자부품 데이터시트 검색엔진 |
|
BRF8065-BZ-R005TD4 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
BRF8065-BZ-R005TD4 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() BRF Series – High Precision Power Foil Resistor Termination Options Type Max. Current Description TD 60 A Insulated round cable (Cu-tinned) T1 70 A Insulated Cu-flat cable T2 85 A T3 100 A T4 120 A T5 150 A TCR Curve 2000 0 -2000 -4000 -6000 -8000 -10000 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) NOMINAL Δ R/R LIMIT 1 LIMIT 2 How To Order BRF 8065 - F Z - R005 TD 4 Model Size 8065 = 80 x 65 mm 8110 = 80 x 110 mm 8216 = 80 x 216 mm 8320 = 80 x 320 mm 8370 = 80 x 370 mm Resistance Tolerance (%) B = ±0.1 F = ±1 C = ±0.25 G = ±2 D = ±0.5 J = ±5 TCR (PPM/°C) Z = ±50 Resistance Value Code “R” represents decimal point (example: R005 = 5 mΩ, 5R00 = 5.00 Ω, 100R = 100 Ω Terminal Options TD = 60 A (standard) T3 = 100 A T1 = 70 A T4 = 120A T2 = 85 A T5 = 150 A Terminals 2 = 2 terminals 4 = 4 terminals REV. 11/25 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Typical Part Marking BRFxxxx R005 1% 4T MANUFACTURER’S TRADEMARK MODEL SIZE: • 8065 • 8110 • 8216 • 8320 • 8370 RESISTANCE TOLERANCE NUMBER OF TERMINALS RESISTANCE CODE: “R” REPRESENTS DECIMAL POINT (EXAMPLES: R005 = 0.005 Ω, 10R0 = 10 Ω) |