전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8223ARMZ 데이터시트(PDF) 19 Page - Analog Devices

부품명 AD8223ARMZ
상세설명  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8223ARMZ 데이터시트(HTML) 19 Page - Analog Devices

Back Button AD8223ARMZ Datasheet HTML 12Page - Analog Devices AD8223ARMZ Datasheet HTML 13Page - Analog Devices AD8223ARMZ Datasheet HTML 14Page - Analog Devices AD8223ARMZ Datasheet HTML 15Page - Analog Devices AD8223ARMZ Datasheet HTML 16Page - Analog Devices AD8223ARMZ Datasheet HTML 17Page - Analog Devices AD8223ARMZ Datasheet HTML 18Page - Analog Devices AD8223ARMZ Datasheet HTML 19Page - Analog Devices AD8223ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Technical Data
AD8223
Rev.
PrA | Page 19 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8223AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8223AR-RL
−40°C to +85°C
8-Lead SOIC_N,13" Tape and Reel
R-8
AD8223AR-R7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8223ARM
−40°C to +85°C
8-Lead MSOP
RM-8
Y0U
AD8223ARM-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y0U
AD8223ARM-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y0U
AD8223ARMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
Y0Q
AD8223ARMZ-RL1
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y0Q
AD8223ARMZ-R71
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y0Q
AD8223ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8223ARZ-RL1
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8223ARZ-R71
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8223BR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8223BR-RL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8223BR-R7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8223BRM
−40°C to +85°C
8-Lead MSOP
RM-8
Y0V
AD8223BRM-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y0V
AD8223BRM-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y0V
AD8223BRMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
Y0R
AD8223BRMZ-RL1
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y0R
AD8223BRMZ-R71
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y0R
AD8223BRZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8223BRZ-RL1
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8223BRZ-R71
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20