| 전자부품 데이터시트 검색엔진 |
|
STM32F301C6U6 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F301C6U6 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 141 page ![]() Memory mapping STM32F301x6 STM32F301x8 50/141 DS9895 Rev 8 5 Memory mapping Figure 9. STM32F301x6/8 memory mapping 0xFFFF FFFF 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0 1 2 3 4 5 6 7 Cortex-M4 with FPU Internal Peripherals Peripherals SRAM CODE Option bytes System memory Flash memory Flash, system memory or SRAM, depending on BOOT configuration AHB2 AHB1 APB2 APB1 0x5000 0000 0x4800 1800 0x4800 0000 0x4002 43FF 0x4002 0000 0x4001 6C00 0x4001 0000 0x4000 A000 0x4000 0000 0x1FFF FFFF 0x1FFF F800 0x1FFF D800 0x0804 0000 0x0800 0000 0x0001 0000 0x0000 0000 Reserved MSv30355V3 AHB3 0x5000 07FF Reserved Reserved Reserved Reserved Reserved Reserved |