전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F301C6U6 데이터시트(PDF) 129 Page - STMicroelectronics

부품명 STM32F301C6U6
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6 데이터시트(HTML) 129 Page - STMicroelectronics

Back Button STM32F301C6U6 Datasheet HTML 125Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 126Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 127Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 128Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 129Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 130Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 131Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 132Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 141 page
background image
DS9895 Rev 8
129/141
STM32F301x6 STM32F301x8
Package information
136
UFQFPN32 device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 48. UFQFPN32 marking example (package top view)
1. Parts marked as ES or E or accompanied by an engineering sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
F301K8
Product identification
(1)
Revision code
YWW
Date code
R
Pin 1 identifier
MS36429V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More