전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6285S 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 L6285S
상세설명  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285S 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button L6285S Datasheet HTML 8Page - STMicroelectronics L6285S Datasheet HTML 9Page - STMicroelectronics L6285S Datasheet HTML 10Page - STMicroelectronics L6285S Datasheet HTML 11Page - STMicroelectronics L6285S Datasheet HTML 12Page - STMicroelectronics L6285S Datasheet HTML 13Page - STMicroelectronics L6285S Datasheet HTML 14Page - STMicroelectronics L6285S Datasheet HTML 15Page - STMicroelectronics L6285S Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PLCC44 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
17.4
17.65
0.685
0.695
B
16.51
16.65
0.650
0.656
C
3.65
3.7
0.144
0.146
D
4.2
4.57
0.165
0.180
d1
2.59
2.74
0.102
0.108
d2
0.68
0.027
E
14.99
16
0.590
0.630
e
1.27
0.050
e3
12.7
0.500
F
0.46
0.018
F1
0.71
0.028
G
0.101
0.004
M
1.16
0.046
M1
1.14
0.045
L6285
15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16