| 전자부품 데이터시트 검색엔진 |
|
MFC2010-R001GT4 데이터시트(PDF) 1 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
MFC2010-R001GT4 데이터시트(HTML) 1 Page - TT Electronics. |
|
1 / 3 page ![]() Metal Foil on Ceramic Chip Resistors MFC Series Small size down to 0402 Tolerance to ±0.5% TCR to ±50ppm/°C High power density AEC-Q200 qualified (excluding 0.5% tolerance) Resistors 10.20 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3) 0402 0603 0805 1206 2010 2512 Power rating @ 70°C W 0.25 0.5 0.25 0.75 0.5 1 0.75 1 1 2 Overload rating 5s W 2.25 2.5 2.25 3.75 2.5 5 3.75 5 5 8 Resistance range mΩ 10- 50 3- 100 30- 100 3- 100 30- 100 3- 100 30- 100 3- 100 30- 100 101- 200 2- 100 AEC-Q200 qualified Tolerance ±% 1, 2, 5 0.5 1, 2, 5 0.5 1, 2, 5 0.5 1, 2, 5 0.5 1, 2, 5 TCR (-55°C to +125°C) ±ppm/°C 100 <R01: 200, ≥R01: 100 <R01: 100, ≥R01: 50 R002: 200, R003 – R009: 100, ≥R01: 50 Standard values E24 plus integer milliohm values below R01 preferred Operating temperature °C -55 to +155 Dimensions (mm) and weight (mg) Size Value (mΩ) L W C A T max Wt 0402 All 1.05±0.1 0.55±0.1 - 0.27±0.1 0.55 0.9 0603 ≤4 1.6±0.2 0.85±0.25 0.35±0.25 0.6±0.2 0.85 2.9 >4 0.35±0.2 0805 ≤4 2±0.25 1.3±0.2 0.38±0.28 0.7±0.3 0.85 7- 10 >4 0.4±0.3 1206 ≤4 3.15±0.25 1.6±0.2 0.5±0.3 0.9±0.3 0.9 13- 15 >4 0.53±0.33 2010 <4 5±0.2 2.5±0.2 0.6±0.3 1.6±0.3 0.73 33 4 – 5 1.3±0.3 >5 0.85±0.35 2512 2 6.35±0.25 3.2±0.2 0.75±0.45 2.3±0.3 0.95 54 3 – 4 1.8±0.4 5 – 7 1.15±0.35 >7 1.05±0.45 Electrical Data Physical Data Construction Marking Solvent Resistance Metal foil resistor material is bonded onto an alumina substrate and connected to wraparound terminations with nickel barrier and 100% Sn finish. Protec- tion and marking are applied and each resistor is measured immediately before packing into tape. MFC0402 parts are not marked. Larger MFC sizes are marked with 2, 3 or 4 characters indicating ohmic value. Where “R” is used it indicates the decimal point location for the value in ohms, e.g. “R047” = 47mΩ, “R01” = 10mΩ. Where “R” is omitted, the value is in milliohms e.g. “047” = 47mΩ, “03” = 3mΩ. Reels are marked with type, value, tolerance, date code and quantity. The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits. Precision Surface Mount Resistors 03.11 © Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com PCF Series >0.05% tolerance 0603 to 2512 0.25% 0.3% 0.5% 0.25% 0.1% 0.2% Load life Humidity Short term overload High temperature operation Temperature cycle Resistance to solder heat Solderability Maximum change (+0.05R) Chip size 0201, 0402 0.5% 0.3% 0.5% 0.25% 0.1% 0.2% ≤0.05% tolerance 0603 to 2512 0.05% 0.05% 0.05% 0.25% 0.05% 0.05% Conditions Test Parameters 1000 hours rated load @ 70°C 1000 hours @ 40°C, 90 - 95%RH 6.25 x rated Power , or 2 x LEV, for 5 sec 1000 hours at 125°C 5 cycles -55 C, 125°C 270°C, 10 sec 235°C, 2 sec 95% minimum coverage 0.5% 0.5% 0.5% 0.5% 0.25% 0.2% 95% minimum coverage Load life Humidity Short term overload High temperature operation Temperature cycle Resistance to solder heat Solderability Maximum change (+0.05R) Conditions Test Parameters 1000 hours rated load @ 70°C 1000hrs @ 40°C, 90 - 95%RH 6.25 x rated Power, or 2 x LEV, for 5 sec 1000 hours at 155°C 5 cycles -55°C, 150°C 270°C, 10 sec 235°C, 2 sec 0603 to 2512 0.05% 0.05% 0.02% 0.05% 0.02% 0.02% Load life Humidity Short term overload High temperature operation Temperature cycle Resistance to solder heat Solderability Maximum change (+0.05R) Conditions Test Parameters 1000 hours rated load @ 70°C 1000hrs @ 40°C, 90 - 95%RH 6.25 x rated Power, or 2 x LEV, for 5 sec 1000 hours at 125°C 5 cycles -55 C, 125°C 270°C, 10 sec 235°C, 2 sec 95% minimum coverage 0402 0.25% 0.5% 0.1% 0.5% 0.1% 0.1% Performance Data - Standard Range Performance Data - High Power Range Performance Data - Passivated Range Construction A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor. The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each resistor is measured immediately before packing into tape. Terminations The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard range PCF over the restricted range below. Physical Data Dimensions (mm) and Weight (mg) L W T max A C Wt 0201 0.58 0.05 0.29 0.05 0.26 0.15 0.05 0.12 0.05 0.14 0402 1.0 0.1 0.5 0.05 0.55 0.25 0.15 0.2 0.15 0.54 0603 1.6 0.2 0.8 0.2 0.65 0.35 0.25 0.3 0.2 1.8 0805 2.0 0.2 1.25 0.2 0.65 0.4 0.25 0.3 0.2 4.7 1206 3.05 0.15 1.55 0.15 0.65 0.35 0.25 0.42 0.2 9.0 1210 3.10 0.15 2.5 0.25 0.65 0.55 0.25 0.4 0.3 10 2010 4.9 0.2 2.4 0.25 0.65 0.55 0.3 0.6 0.3 24 2512 6.3 0.2 3.1 0.25 0.65 0.7 0.45 0.6 0.3 38 T W A A L Wrap-around terminations (3 faces) C |
유사한 부품 번호 - MFC2010-R001GT4 |
|
유사한 설명 - MFC2010-R001GT4 |