전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASA 데이터시트(PDF) 1 Page - Electrolube

부품명 ASA
상세설명  Anti-Static Spray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELECTROLUBE [Electrolube]
홈페이지  https://electrolube.com/
Logo ELECTROLUBE - Electrolube

ASA 데이터시트(HTML) 1 Page - Electrolube

  ASA Datasheet HTML 1Page - Electrolube  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
ASA
Anti-Static Spray
ASA is a very effective cleaner designed to eliminate dust and prevent the build up of static. It has been
specifically developed for use in areas where static build-up causes major issues, computer rooms and offices,
for example and is safe for use on plastic, metal, glass and synthetic surfaces. Developed with a “no-stain”
formulation, it is also suitable for use on fabrics of any colour.
•
Eliminates static discharges and prevents reoccurrence
•
Prevents damage to voltage sensitive components and circuits
•
Supplied in pump action bottle for use in hazardous working environments
•
Safe on delicate surfaces; will not harm plastic surfaces which may be attacked by solvents.
Typical Properties
Form
Colourless liquid with lemon odour
Density (g/ml)
0.995
pH
7 to 9
Boiling Point (°C)
>100
Flash Point
Non-Flammable to BAMA Tests
Description
Packaging
Order Code
Shelf Life
Anti-Static Spray
250ml Pump spray
ASA250ML
48 Months
Directions for Use
Spray liberally on surfaces; avoid spraying directly onto live electrical equipment. Re-apply at regular intervals
and increase use during dry weather conditions.
Revision 1: Jan 2014


유사한 부품 번호 - ASA

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
More results

유사한 설명 - ASA

제조업체부품명데이터시트상세설명
logo
3M Electronics
9920 3M-9920 Datasheet
477Kb / 7P
Static Control Anti-Fatigue Mat 9900 Series
logo
Grayhill, Inc
71L30-01-3-02N GRAYHILL-71L30-01-3-02N Datasheet
72Kb / 2P
Multi-Deck, Standard & Anti-Static
71L30-03-1-12N-F GRAYHILL-71L30-03-1-12N-F Datasheet
312Kb / 2P
Multi-Deck, Standard Anti-Static
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
logo
3M Electronics
26832 3M-26832 Datasheet
306Kb / 7P
Performance Spray Gun
Apr-2020
6116 3M-6116 Datasheet
19Kb / 4P
3M Spray-Bond Adhesive
Jul-2003
200 3M-200 Datasheet
783Kb / 2P
3M™ FireDam™ Spray 200
logo
Keystone Electronics Co...
8894 KEYSTONE-8894 Datasheet
223Kb / 1P
ANTI-STATIC IC TRAY CLIP
logo
PHOENIX CONTACT
1611796 PHOENIX-1611796 Datasheet
241Kb / 2P
Plastic anti-static dust protection cap - RC-Z2468
1611797 PHOENIX-1611797 Datasheet
218Kb / 2P
Plastic anti-static dust protection cap - RC-Z2469
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com