| 전자부품 데이터시트 검색엔진 |
|
CLC016MTC 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CLC016MTC 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 19 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC–V EE) −0.3, +6.0V Maximum Junction Temperature +150˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering 4 sec) +260˚C ESD Rating (Note 12) 2kV Package Thermal Resistance θ JA 28-Pin PLCC 85˚C/W θ JA 28-Pin TSSOP 90˚C/W θ JC 28-Pin PLCC 35˚C/W θ JC 28-Pin TSSOP 14˚C/W Reliability Information MTTF (based on limited life test data) 2.6 x 10 7 hours Recommended Operating Conditions Supply Voltage (V CC–V EE) 4.5V to 5.5V Operating Temperature CLC016AC 0˚C to +70˚C CLC016AJ,CLC016 –40˚C to +85˚C Jitter Transfer Function Fractional Loop Bandwidth 0.05% to 0.5% SCO/SCO, SDO/ SDO Minimum Voltage (Note 13) V CC – 1.6V Electrical Characteristics (V CC = 0V, VEE = −5V, RBW = 500 Ω;C Z = 0.1 µF; CP = 82 pF; R n = 3504, CARS = 0.1 µF; unless specified). Parameter Conditions Typ +25˚C Min/Max +25˚C Min/Max Full Temp. Range Units DYNAMIC PERFORMANCE Residual Jitter 270 Mbps PRN sequence (Notes 3, 4) 150 250 300 ps pp Acquisition Time 270 Mbps PRN sequence 6 x 10 5 bit cells Minimum Average Data Rate, f CLK Full Temperature Range 4.5V ≤ (V CC −VEE) ≤ 5.5V (Note 3) 100 Mbps Minimum Average Data Rate, f CLK 0to70˚ 4.5V ≤ (V CC −VEE) ≤ 5.5V 40 Mbps Maximum Average Data Rate, f CLK 4.5V ≤ (V CC −VEE) ≤ 5.5V (Note 3) 400 400 Mbps Tracking and Capture Range 4.5V ≤ (V CC −VEE) ≤ 5.5V (Notes 3, 5) ±8.3 ±5.0/ ±13.0 ±2.5/ ±18.0 %f CLK VCO Power Supply Sensitivity (Note 3) ±0.8 ±1.2 ±1.3 %V VCO Temperature Sensitivity ±250 ppm/˚C Jitter Transfer Function −3 dB bandwidth (Fractional Loop Bandwidth), λ BW R BW = 100 Ω (Notes 6, 7) 0.05 %f CLK R BW = 500 Ω (Notes 6, 7) 0.25 %f CLK R BW = 1000 Ω (Notes 6, 7) 0.5 %f CLK Jitter Transfer Function Peaking R BW = 500 Ω, 270 Mbps (Note 6) <0.1 dB STATIC PERFORMANCE Power Supply Current, I EE (Note 3) 105 125 133 mA Voltage on Selected R n Resistor (Note 8) V CC −2.2 V Voltage on Unselected R n Resistor (Note 8) V CC V V C/VC Common-Mode Voltage, VCM (Note 8) V CC −1.5 V V C/VC Diff-Mode Voltage Range, VDM (Note 8) ±300 mV DDI/DDI Input Range Upper Limit, V H V CC V Input Range Lower Limit, V L V EE +2.5 V Minimum Differential Input Amplitude, V∆ 200 200 mV Input Current (Note 3) 3 6 6 µA www.national.com 3 |