전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPL460A-I/4LB 데이터시트(PDF) 32 Page - Microchip Technology

부품명 MPL460A-I/4LB
상세설명  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB 데이터시트(HTML) 32 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 28Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 29Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 31Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 32Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 33Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 34Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 35Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
PL460
Reception Path
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 32
Figure 10-2. Zero-Crossing Signal
Mains
VZC
The achieved precision meets the standard requirements to track 50 Hz or 60 Hz ±10% mains.
A simple external circuit is required to adapt the mains signal to VZC input. A typical application
circuit for unidirectional topologies is shown in the figure below.
Figure 10-3. Typical Circuit, Using a Unidirectional Optocoupler
V ZC
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com