| 전자부품 데이터시트 검색엔진 |
|
MSM9068 데이터시트(PDF) 1 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
MSM9068 데이터시트(HTML) 1 Page - Mosel Vitelic, Corp |
|
|
1 / 1 page ![]() 1/1 (PID 345 09/96) MSM9068 ICE (In-Circuit Emulator) Card of U3041 September 1996 A 80-page User's Manual PID 345 09/96 in DOS format is provided per request. Taiwan #1, Creation Road I, Science - based Industrial Park, Hsinchu, 30077 Taiwan, ROC "audio_reply@ccmail.mosel.com.tw" TEL: 886-3-5770055 FAX: 886-3-5772788 FAX: 886-3-5784732 Taipei 7F, #102 Sec. 3, Ming Chung E. Road, Taipei,105 Taiwan, ROC TEL: 886-2-5451213 FAX: 886-2-5451214 Hongkong #19 Dai Fu Street, Taipo Industrial Estate, Taipo, N.T. Hongkong TEL: 852-2388-8277(MKO) TEL: 852-2665-4883 FAX: 852-2664-2406 FAX: 852-2770-8011(MKO) U.S.A. #3910 North First Street, San Jose, CA. 65134-1501 U.S.A. TEL: 1-408-433-6000 FAX: 1-408-433-0952 Specifications subject to change without notice, contact your sales representatives for the most recent information. MOSEL VITELIC INC. Preface The MOSICE-9068 In Circuit Emulator is a complete development system which is exclusively for the U3041 chip. It is developed and offered by Mosel Vitelic Inc. From this manual, user will find out many specialities and benifits which this system contains. Not only for its advanced hardware architecture but also for its user-friendly software design. MOSICE-9068 provides user with the most accurate emulation which is needed for any kind of application assignments of the U3041 chip. This user's manual is organized in six chapters: chapter 1 is introduction and installation procedures for the MOSICE-9068, chapter 2 is features and specialities of the U3041 chip, chapter 3 is features of the MOSICE-9068, chapter 4 is about the MUI and MUIN commands which includes LCD PLA simulation editor and Mask option editor, chapter 5 is about the MXA cross assembler and chapter 6 is about some concepts and examples of the U3041 programming. With the help of this manual, user can install and operate the MOSICE-9068 in a short period of time. However, it is recommended that user should familiar with U3041 instructions before he starts his tasks. Chapter 1 Chapter 2 Chapter 3 Chapter 4 Chapter 5 Chapter 6 Introduction Features of the U3041 chip Features of MOSICE-9068 About the MUI and MUIN MXA Cross Assembler Tips on U3041 Programming This 80-page user's manual is enclosed whenever this M9068 card is ordered and shipped from MVI. |
유사한 부품 번호 - MSM9068 |
|
유사한 설명 - MSM9068 |