전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30L60CT 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STPS30L60CT
상세설명  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CT 데이터시트(HTML) 5 Page - STMicroelectronics

  STPS30L60CT Datasheet HTML 1Page - STMicroelectronics STPS30L60CT Datasheet HTML 2Page - STMicroelectronics STPS30L60CT Datasheet HTML 3Page - STMicroelectronics STPS30L60CT Datasheet HTML 4Page - STMicroelectronics STPS30L60CT Datasheet HTML 5Page - STMicroelectronics STPS30L60CT Datasheet HTML 6Page - STMicroelectronics STPS30L60CT Datasheet HTML 7Page - STMicroelectronics STPS30L60CT Datasheet HTML 8Page - STMicroelectronics STPS30L60CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STPS30L60C
Characteristics
Doc ID 6479 Rev 10
5/13
Figure 12.
Reverse safe operating area (tp < 1 µs, Tj < 150 °C)
Figure 10.
Forward voltage drop versus
forward current
(maximum values, per diode)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
1
10
100
200
I
(A)
FM
Tj=25°C
Tj=125°C
Typical values
Tj=150°C
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board
copper thickness = 35 µm
IARM (A)
VARM (V)
Operating area
Forbidden area
20
22
24
26
28
30
32
34
36
38
40
60
65
70
75
80
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com