| 전자부품 데이터시트 검색엔진 |
|
STPS30L60CFP 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS30L60CFP 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 13 page ![]() STPS30L60C Package information Doc ID 6479 Rev 10 7/13 Table 6. TO-220AB dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.067 F2 1.14 1.70 0.044 0.06è G 4.95 5.15 0.194 0.202 G1 2.40 2.70 0.094 0.106 H2 10 10.40 0.393 0.409 L2 16.4 typ. 0.645 typ. L4 13 14 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. 3.75 3.85 0.147 0.151 A C D L7 Dia L5 L6 L9 L4 F H2 G G1 L2 F2 F1 E M |