전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT6919C 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 RT6919C
상세설명  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT6919C 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button RT6919C Datasheet HTML 4Page - STMicroelectronics RT6919C Datasheet HTML 5Page - STMicroelectronics RT6919C Datasheet HTML 6Page - STMicroelectronics RT6919C Datasheet HTML 7Page - STMicroelectronics RT6919C Datasheet HTML 8Page - STMicroelectronics RT6919C Datasheet HTML 9Page - STMicroelectronics RT6919C Datasheet HTML 10Page - STMicroelectronics RT6919C Datasheet HTML 11Page - STMicroelectronics RT6919C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
L6919C
8/32
DEVICE DESCRIPTION
The device is an integrated circuit realized in BCD technology. It provides complete control logic and protections
for a high performance dual-phase step-down DC-DC converter optimized for microprocessor power supply. It
is designed to drive N Channel MOSFETs in a dual-phase synchronous-rectified buck topology. A 180 deg
phase shift is provided between the two phases allowing reduction in the input capacitor current ripple, reducing
also the size and the losses. The output voltage of the converter can be precisely regulated, programming the
VID pins, from 0.800V to 1.550V with 25mV binary steps, with a maximum tolerance of ±0.6% over temperature
and line voltage variations. The device manages On-The-Fly VID Code changes stepping to the new configu-
ration following the VID table with no need for external components. The device provides an average current-
mode control with fast transient response. It includes a 200kHz free-running oscillator. The error amplifier fea-
tures a 15V/
µs slew rate that permits high converter bandwidth for fast transient performances. Current infor-
mation is read across the lower mosfets RdsON or across a sense resistor in fully differential mode. The current
information corrects the PWM output in order to equalize the average current carried by each phase. Current
sharing between the two phases is then limited at ±10% over static and dynamic conditions. The device protects
against Over-Current, with an OC threshold for each phase, entering in constant current mode. Since the current
is read across the low side mosfets, the constant current keeps constant the bottom of the inductors current
triangular waveform. When an under voltage is detected the device latches and the FAULT pin is driven high.
The device performs also Over-Voltage protection that disables immediately the device turning ON the lower
driver and driving high the FAULT pin.
OSCILLATOR
The switching frequency is internally fixed to 200kHz. The internal oscillator generates the triangular waveform for the
PWM charging and discharging with a constant current an internal capacitor. The current delivered to the oscillator is
typically 17
µA (Fsw=200KHz) and may be varied using an external resistor (ROSC) connected between OSC pin and
GND or Vcc. Since the OSC pin is maintained at fixed voltage (Typ. 1.235V), the frequency is varied proportionally to
the current sunk (forced) from (into) the pin considering the internal gain of 12KHz/
µA.
In particular connecting it to GND the frequency is increased (current is sunk from the pin), while connecting ROSC
to Vcc=12V the frequency is reduced (current is forced into the pin), according to the following relationships:
Note that forcing a 17
µA current into this pin, the device stops switching because no current is delivered to the
oscillator.
Figure 1. ROSC vs. Switching Frequency
R
OS C vs. GND: fS
200kH z
1.237
R
OSC K Ω
()
------------------------------
12
kHz
µA
-----------
⋅
+
200 kHz
14.82 10
6
⋅
R
OSC K Ω
()
------------------------------
+
==
R
OS C vs. 12V: fS
200 kHz
12
1.237
–
R
OSC K Ω
()
------------------------------ 12
kHz
µA
-----------
⋅
–
200kH z
12.918 10
7
⋅
R
OSC K Ω
()
--------------------------------
–
==
0
1000
2000
3000
4000
5000
6000
7000
0
50
100
150
200
Frequency (KHz)
0
200
400
600
800
1000
200
300
400
500
600
Frequency (KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32