| 전자부품 데이터시트 검색엔진 |
|
PX-260. 데이터시트(PDF) 1 Page - Brainboxes Limited |
|
|
|||||||||||||||||||||||||||||
PX-260. 데이터시트(HTML) 1 Page - Brainboxes Limited |
|
1 / 2 page ![]() RoHS Compliant LP PCIe 4xRS232 1MBaud PX-260 “SERIAL CARDS EngInEERED to ExCEED ExpECtAtIonS” Features Description Software pCI Express Card providing four RS232 serial ports. Data transfer rates up to 921,600 baud rates and the 128 byte deep transmit and 128 byte receive FIFoS, coupled with 1Mbit/s line drivers deliver uncompromising performance on your pC. Drivers for Windows 32 bit and 64 bit operating Systems including Windows 2000, xp, Server 2003, Vista, Server 2008, Windows 7 and Windows 8. pCI Express is the latest standard in pC connectivity. With Brainboxes’ industry renowned Lifetime Warranty and Lifetime Support! • 4 port RS232 • pCI Express x1, x4, x8 x16 lane slots socket size • 128 Byte tx and 128 Byte Rx FIFos • Up to 921,600 Baud • DB9 connector (9 pin Male) • Drivers for all popular operating systems • Sample programs, test & terminal software • Lifetime Support • Lifetime Warranty (registration required) Microsoft signed drivers (easy installation & robust operation) for: • Windows 7 32 bit 64 bit Editions • Windows Server 2008 32 bit 64 bit Editions • Windows Vista 32 bit 64 bit editions • Windows Server 2003 32 bit 64 bit Editions As well as: full product documentation, a thorough troubleshooting guide and terminal software. Detailed sample source code for many popular programming languages. Further oS support on next page. options px-260: Lp pCIe 4xRS232 1MBaud : oRDER Description Code Lp pCIe 4xRS232 1MBaud px-260 +44(0) 151 220 2500 | sales@brainboxes.com | www.brainboxes.com |
유사한 부품 번호 - PX-260. |
|
유사한 설명 - PX-260. |