| 전자부품 데이터시트 검색엔진 |
|
PCF85263ATL/A 데이터시트(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/A 데이터시트(HTML) 58 Page - NXP Semiconductors |
|
58 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus Registers labeled as - remain unchanged. Bit Address Register name 7 6 5 4 3 2 1 0 11h to 16h Timestamp 1 0 0 0 0 0 0 0 0 17h to 1Ch Timestamp 2 0 0 0 0 0 0 0 0 1Dh to 22h Timestamp 3 0 0 0 0 0 0 0 0 23h Timestamp_mode 0 0 0 0 0 0 0 0 24h Offset 0 0 0 0 0 0 0 0 25h Oscillator 0 0 0 0 0 0 0 0 26h Battery_switch 0 0 0 0 0 0 0 0 27h Pin_IO 0 0 0 0 0 0 0 0 28h Function 0 0 0 0 0 0 0 0 29h INTA_enable 0 0 0 0 0 0 0 0 2Ah INTB_enable 0 0 0 0 0 0 0 0 2Bh Flags 0 0 0 0 0 0 0 0 2Ch RAM_byte 0 0 0 0 0 0 0 0 2Dh Watchdog 0 0 0 0 0 0 0 0 2Fh Reset 0 0 0 0 0 0 0 0 Table 61. Registers reset values...continued 7.15.2 CPR: Clear prescaler To set the time for RTC mode accurately or to clear the time in stop-watch mode, the clear prescaler instruction is needed. Before sending this instruction, it is recommended to first set stop either by the STOP bit or by the TS pin (see STOPM bit). For details, see the STOP definition for an explanation on using this instruction. 7.15.3 CTS: Clear timestamp The timestamp registers (address 11h to 22h) can be set to all 0 with this instruction. 7.16 Stop_enable register Bit Symbol Value Description - 0000 000 Not used STOP bit 0 [1] RTC clock runs 7 to 1 0 STOP 1 RTC clock is stopped Table 62. Stop_enable - control of STOP bit (address 2Eh) [1] Default value. PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 58 / 102 |