| 전자부품 데이터시트 검색엔진 |
|
PCF85263AT/AJ 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263AT/AJ 데이터시트(HTML) 8 Page - NXP Semiconductors |
|
8 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus PCF85263ATT1 PCF85263ATT1 1 OSCI 10 VDD 2 OSCO 9 INTA (CLK) 3 VBAT 8 CLK 4 TS (CLK/INTB) 7 SCL 5 VSS 6 SDA aaa-009082 For mechanical details, see Figure 48. Figure 5. Pin configuration for PCF85263ATT1 (TSSOP10) aaa-032284 1 A B C D Transparent top view 2 3 PCF85263AUK For mechanical details, see Figure 49. Figure 6. Pin configuration for PCF85263AUK (WLCSP12) 6.2 Pin description Table 3 provides detailed description of various pins on PCF85263A. Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified. Pin Description Symbol PCF85263AT (SO8) PCF85263 ATL (DFN2626-10) PCF85263 ATT (TSSOP8) PCF85263 ATT1 (TSSOP10) PCF85263AUK (WLCSP12) Type Primary use Secondary use OSCI 1 1 1 1 A2 Input Oscillator input - OSCO 2 2 2 2 A3 Output Oscillator output - VBAT 3 3 3 3 B3 Supply Battery backup supply voltage [1] - Can be configured with TSPM[1:0] [2] TS (CLK/INTB) - 4 - 4 C3 Input/ output Timestamp input INTB and CLK output (push- pull); stop-watch control VSS 4 5 [3] 4 5 D2, D3 Supply Ground supply voltage - SDA 5 6 5 6 D1 Input/ output Serial data line - Table 3. Pin description PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 8 / 102 |