전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPF0900AMMA2ES 데이터시트(PDF) 125 Page - NXP Semiconductors

부품명 MPF0900AMMA2ES
상세설명  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES 데이터시트(HTML) 125 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
needed by the system during the system configuration stage to ensure no false OV conditions are detected
during safe system operation.
OV_DBNC[1:0]
OV debounce time
00
25 µs
01
50 µs
10
80 µs
11
125 µs
Table 163. OV debounce time configuration bits
The debounce time required for an UV condition to be detected can be programmed in the functional register
via the UV_DBNC[1:0] bits. The UV debounce time is global for all voltage monitors, and, by default, the
configuration, is reset to the lowest condition (0b00) at power-up. The MCU must configure the actual value
needed by the system during the system configuration stage to ensure no false UV conditions are detected
during safe system operation.
UV_DBNC[1:0]
UV debounce time
00
5 µs
01
15 µs
10
25 µs
11
40 µs
Table 164. UV debounce time configuration bits
13.3.1.1 VMON during SW1 load switch operation
When the SW1 is programmed in load switch mode, the PF09 is expected to have a 3.3 V input supply and the
output of the SW1LS is expected to follow the 3.3 V minus the DC voltage drop due to the current going through
the SW1LS pass FET.
The system designer must select the proper voltage monitoring level during the RUN and the Monitored
STANDBY states via the VSW1_RUN[7:0] and VSW1_STBY[7:0] bits respectively. Likewise, the system must
provide adequate OV/UV thresholds to account for the voltage drop due to DC losses in the pass FET.
OV/UV monitoring thresholds for the load switch operation are configured in the OTP registers via the
OTP_SW1_OVTH[2:0] and OTP_SW1_UVTH[2:0] bits.
13.3.1.2 VMON during LDOx load switch operation
When the LDOx is programmed in load switch mode, the LDO block is capable of receiving an input supply
between 1.8 V and 3.3 V, and the output of the LDOxLS is expected to follow the input voltage minus the DC
voltage drop due to the current going through the LDOxLS pass FET.
The system designer must select the proper voltage monitoring level during the RUN and the Monitored
STANDBY states via the VLDOx_RUN[4:0] and VLDOx_STBY[4:0] bits respectively. Likewise, the system must
provide adequate OV/UV thresholds to account for the voltage drop due to DC losses in the pass FET.
OV/UV monitoring thresholds for the load switch operation are configured in the OTP registers via the
OTP_LDOx_OVTH[2:0] and OTP_LDOx_UVTH[2:0] bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
125 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com