전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9308 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L9308
상세설명  DUAL LOW SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9308 데이터시트(HTML) 6 Page - STMicroelectronics

  L9308 Datasheet HTML 1Page - STMicroelectronics L9308 Datasheet HTML 2Page - STMicroelectronics L9308 Datasheet HTML 3Page - STMicroelectronics L9308 Datasheet HTML 4Page - STMicroelectronics L9308 Datasheet HTML 5Page - STMicroelectronics L9308 Datasheet HTML 6Page - STMicroelectronics L9308 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MINIDIP PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
L9308
6/7



Html Pages

1 2 3 4 5 6 7