전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

28F800C3 데이터시트(PDF) 11 Page - Intel Corporation

부품명 28F800C3
상세설명  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

28F800C3 데이터시트(HTML) 11 Page - Intel Corporation

Back Button 28F800C3 Datasheet HTML 7Page - Intel Corporation 28F800C3 Datasheet HTML 8Page - Intel Corporation 28F800C3 Datasheet HTML 9Page - Intel Corporation 28F800C3 Datasheet HTML 10Page - Intel Corporation 28F800C3 Datasheet HTML 11Page - Intel Corporation 28F800C3 Datasheet HTML 12Page - Intel Corporation 28F800C3 Datasheet HTML 13Page - Intel Corporation 28F800C3 Datasheet HTML 14Page - Intel Corporation 28F800C3 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
11
NOTES:
1. Shaded connections indicate the upgrade address connections. Routing is not recommended in this area.
2. A19 denotes 16 Mbit; A20 denotes 32 Mbit; A21 denotes 64 Mbit.
3. Unused address balls are not populated.
Figure 3. 48-Ball µBGA* and 48-Ball Very Fine Pitch BGA (VF BGA) Chip Size Package
(Top View,BallDown)1,2,3
13
25
47
68
A
B
C
D
E
F
A13
A14
A15
A16
V
CCQ
A11
A10
A12
D14
D15
A8
WE#
A9
D5
D6
VPP
RP#
A21
D11
D12
WP#
A18
A20
D2
D3
A19
A17
A6
D8
D9
A7
A5
A3
CE#
D0
A4
A2
A1
A0
GND
GND
D7
D13
D4
VCC
D10
D1
OE#
16M
32M
64M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68