전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USX2064 데이터시트(PDF) 36 Page - Microchip Technology

부품명 USX2064
상세설명  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 데이터시트(HTML) 36 Page - Microchip Technology

Back Button USX2064 Datasheet HTML 32Page - Microchip Technology USX2064 Datasheet HTML 33Page - Microchip Technology USX2064 Datasheet HTML 34Page - Microchip Technology USX2064 Datasheet HTML 35Page - Microchip Technology USX2064 Datasheet HTML 36Page - Microchip Technology USX2064 Datasheet HTML 37Page - Microchip Technology USX2064 Datasheet HTML 38Page - Microchip Technology USX2064 Datasheet HTML 39Page - Microchip Technology USX2064 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
USX2064
DS00001986E-page 36
2023 Microchip Technology Inc and its subsidiaries.
5.5.2
USB BUS RESET
In response to the upstream port signaling a reset to the hub, the hub does the following:
1. Sets default internal USB address to 0
2. Sets configuration to: unconfigured
3. Negates
PRTPWR[x:1] to all downstream ports unless battery charging (BC_EN[x:1]) is enabled
4. Clears all TT buffers
5. Moves device from suspended to active (if suspended)
6. Complies with Section 11.10 of the USB 2.0 Specification [1] for behavior after completion of the reset sequence.
The host then configures the hub and the hub’s downstream port devices in accordance with the USB Specifica-
tion.
Note:
The hub does not propagate the upstream USB reset to downstream devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54