전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1045 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN1045
상세설명  ST7 S/W IMPLEMENTATION OF I2C BUS MASTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1045 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN1045 Datasheet HTML 2Page - STMicroelectronics AN1045 Datasheet HTML 3Page - STMicroelectronics AN1045 Datasheet HTML 4Page - STMicroelectronics AN1045 Datasheet HTML 5Page - STMicroelectronics AN1045 Datasheet HTML 6Page - STMicroelectronics AN1045 Datasheet HTML 7Page - STMicroelectronics AN1045 Datasheet HTML 8Page - STMicroelectronics AN1045 Datasheet HTML 9Page - STMicroelectronics AN1045 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
ST7 S/W IMPLEMENTATION OF I2C BUS MASTER
Figure 5. Flowchart of the transmission function
The reception function is also based on a double shift: a shift of the “count” variable to call 8
times the function I2Cm_RxData (to receive the 8 bits of one data byte) and a shift of a buffer
into the I2Cm_RxData function to receive the data bit by bit on the LSB (refer to Figure 6).
SDA configured as output
count=1
I2C_DR=buffout[j]
shift of count
I2Cm_TxData
count overflows?
yes
no
wait Acknowledge
ACK ok?
yes
no
AF=1
END
j--
j=FF?
no
yes
j=nb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16