| 전자부품 데이터시트 검색엔진 |
|
L9484 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9484 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() L9484 6/8 FP-TR Terminate Regulation Phase Frequency 59 72 86 Hz IRD Initiate Regulation Delay Regulator Activated, VP-IR AND FP-IR Conditions Met First Time. 1.7 2 2.3 s FSDC Field Strobe Duty Cycle Regulator Activated AND (Regulation Terminated OR Regulation NOT Initiated) 16 18.75 22 % LRC Load Response Control Rate Field Drive Duty Cycle Increase 34 40 46 %/s FP-LRC LRC Transition Frequency LRC Enabled if FP < FP-LRC 255 300 345 Hz SS Soft-Start LRC enabled until VSP reached regardless other conditions 34 40 46 %/s REGULATION FEATURES (continued) Symbol Parameter Conditions Min. Typ. Max. Unit |