전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0150 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0150
상세설명  DFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 2.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0150 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0150 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0150 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 2.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.70
B
0.80
C
0.28
B2
1.20
C2
2.00
D
0.22
D2
0.25
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
15
5
50
0
0


유사한 부품 번호 - IPC0150

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0151 PROTOADVANTAGE-IPC0151 Datasheet
43Kb / 2P
MSOP-12 to DIP-12 SMT Adapter (0.65 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0152 PROTOADVANTAGE-IPC0152 Datasheet
44Kb / 2P
DFN-18 to DIP-22 SMT Adapter (0.4 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
IPC0153 PROTOADVANTAGE-IPC0153 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.5 mm pitch, 2 x 3 mm body)
revision 1.0
IPC0154 PROTOADVANTAGE-IPC0154 Datasheet
44Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2 x 2 mm body)
revision 1.0
IPC0155 PROTOADVANTAGE-IPC0155 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 3 x 3 mm body)
revision 1.0
More results

유사한 설명 - IPC0150

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
Lumberg
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-2 LUMBERG-3517-2_18 Datasheet
434Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3518 LUMBERG-3518_18 Datasheet
1Mb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com