전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0171 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0171
상세설명  BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0171 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0171 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0171 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.1
www.Proto-Advantage.com
BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
C
0.40
D
0.60
E
1.00
E2
1.00
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2020 Proto Advantage™
C
D
E2
E
IIP
PC
C0
01
17
71
1


유사한 부품 번호 - IPC0171

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0171-S PROTOADVANTAGE-IPC0171-S Datasheet
103Kb / 1P
BGA-25 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
More results

유사한 설명 - IPC0171

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Aries Electronics, Inc.
1110748 ARIES-1110748 Datasheet
420Kb / 1P
Surface Mount-to-DIP JEDEC SOT-25, SOT-23A-6 Adapter
logo
GREATECS
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
logo
Pulse A Technitrol Comp...
GPSMOD1315 PULSE-GPSMOD1315 Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13mm and 25 mm x 25 mm sizes
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
25 x 25 mm lens with ~95째 x 20째 diffused oval beam
logo
Pulse A Technitrol Comp...
GPSMODXXXX PULSE-GPSMODXXXX Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13 mm and 25 mm x 25 mm sizes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com