전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSS0306 데이터시트(PDF) 1 Page - Mosel Vitelic, Corp

부품명 MSS0306
상세설명  MSS0306 Emulation Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSEL [Mosel Vitelic, Corp]
홈페이지  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0306 데이터시트(HTML) 1 Page - Mosel Vitelic, Corp

  MSS0306 Datasheet HTML 1Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9016
MSS0306 Emulation Board
It can simulate the function of MSS0306 ( refer to the data sheet, PID 239** 06/95).
Use the battery 1.5V x 4.
3 test pin sets are provided : WR1 ( 3 pins ) , WR2 ( 5 of 8 pins ) and WR3 ( 5 of 8 pins ).
7 LEDs are provided : one for power indicator ( D3 ) and 6 optional for output.
Auto power off is provided ( the function is set up by JP3).
There are 11 switches on the board : one reset SW, one power on SW, one power off SW, eight push button
switches ( TG6~TG8 is reserved ).
There are 4 jumper sets on the board : one 2-pin header ( JP3 ), one 3 x 3 - pin header ( JP4, JP7, JP9), one
2 x 6 -pin header (JP6), one 3 x 16 - pin header ( JP5,JP8,JP10 ).
Features
1/6
PID337 06/95
MOSEL VITELIC INC.
General Description
By Storing digitized voice data and options into 27C010 EPROM, this 9016 board emulates the function of
MSS0306 chip although their DC / AC characteristics are not identical.
To configure the options of the target chip, you can specify them by entering into text file with text editor
on personal computer. Running 9016PACK.EXE on PC you can easily get the compiled file to be put into
EPROM.
With some jumpers setting, this 9016 board performs versatile applications for your verification
before chip fabrication.
Board Layout
JP1: connect with battery
JP2: connect with speaker
JP3: auto power off or not
JP4,JP7,JP9: LED selection
JP6: feedback drive selection
JP5,JP8,JP10: trigger drive selection
WR1: output test pin set
WR2: trigger drive pin set
WR3: trigger pin set
SW1: system reset key
SW10: power on key
SW11: power off key
SW2~SW9: switches to trigger
U1: 27C010 EPROM
XY
Z
XY
Z
H
L
S
R
S
R
S
R
XY
Z
XYZ
OUT
12
3
TG
45 678
1
2345
67
8
1
2345
67
8
X
Y
Z
ACT
HI
ACT
LOW
12 3
TG
45 678
TG1
TG2
TG3
TG4
TG5
TG6
TG7
TG8
POWER ON / OFF
SW10
SW11
D3
Trigger ( Directly)
Trigger ( Via TGs key )
WR2 Trigger Option of TGs
WR1
Output Option
Output
JP3
Auto power off
JP6
JP4
JP7
JP9
JP2
SPK
C3
GAL16V8
74HC125
74HC374
74HC373
RST SW1
80C31-16
C6
RP1
RP2
X1
74HC374
74HC245
NE555
LED Option
D4
D7
D8
D9
D6
D5
+++
+
+
+
WR3
S SHORT
RESISTOR
R
JP8
MOSEL - VITELIC INC.
9016 V1 M1 @1995
D2
D1
H
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
RRR
RR
RRR
RRR
RR
RRR
L
GND
JP1
C2+
GAL16V8
B
C
E
Q1
+VCC(1.5V X 4)
U7
U11
U10
U2
U3
U6
U5
U4
U1
C1
U9
U14
U13
E
Q2
E
Q3
E
Q4
74HC138
16MHz


유사한 부품 번호 - MSS0306

제조업체부품명데이터시트상세설명
logo
Mosel Vitelic, Corp
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
More results

유사한 설명 - MSS0306

제조업체부품명데이터시트상세설명
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
80" Emulation board
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
180 Emulation board
MSM9026 MOSEL-MSM9026 Datasheet
116Kb / 6P
Emulation Board for S1207
logo
STMicroelectronics
ST7MDT1-DVP STMICROELECTRONICS-ST7MDT1-DVP Datasheet
90Kb / 2P
A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
Rev. 1.01
ST7MDT2-DVP STMICROELECTRONICS-ST7MDT2-DVP Datasheet
88Kb / 2P
A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
Rev. 1.0
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
EEPROM Emulation Library
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
EEPROM Emulation Library Pack
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com