| 전자부품 데이터시트 검색엔진 |
|
L79L05ABZ 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L05ABZ 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 13 page ![]() ELECTRICAL CHARACTERISTICS FOR L79L05AB AND L79L05AC (refer to the test circuits, Vi = -10V, Io = 40 mA, Ci = 0.33 µF, Co = 0.1 µF, Tj = 0 to 125 oC for L79L05AC,Tj = -40 to 125 oC for L79L05AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Tj =25 oC-4.8 -5 -5.2 V Vo Output Voltage Io = 1 to 40 mA Vi = -7 to -20 V Io = 1 to 70 mA Vi = -10 V -4. 75 -4. 75 -5.25 -5.25 V V ∆Vo Line Regulation Vi =-7 to -20 V Tj =25 oC Vi =-8 to -20 V Tj =25 oC 150 100 mV mV ∆Vo Load Regulation Io = 1 to 100 mA Tj =25 oC Io = 1 to 40 mA Tj =25 oC 60 30 mV mV Id Quiescent Current Tj =25 oC Tj = 125 oC 6 5.5 mA mA ∆Id Quiescent Current Change Io = 1 to 40 mA 0.1 mA ∆Id Quiescent Current Change Vi =-8 to -20 V 1.5 mA eN Output Noise Voltage B = 10Hz to 100KHz Tj =25 oC40 µV SVR Supply Voltage Rejection Io = 40 mA f = 120 Hz Tj =25 oC Vi =-8 to -18 V 41 49 dB Vd Dropout Voltage 1.7 V ELECTRICAL CHARACTERISTICS FOR L79L06AB AND L79L06AC (refer to the test circuits, Vi = -12V, Io = 40 mA, Ci = 0.33 µF, Co = 0.1 µF, Tj = 0 to 125 oC for L79L06AC,Tj = -40 to 125 oC for L79L06AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Tj =25 oC -5. 76 -6 -6.24 V Vo Output Voltage Io = 1 to 40 mA Vi = -8.5 to -20 V Io = 1 to 70 mA Vi = -12 V -5.7 -5.7 -6.3 -6.3 V V ∆Vo Line Regulation Vi = -8.5 to -20 V Tj =25 oC Vi =-9 to -20 V Tj =25 oC 150 100 mV mV ∆Vo Load Regulation Io = 1 to 100 mA Tj =25 oC Io = 1 to 40 mA Tj =25 oC 60 30 mV mV Id Quiescent Current Tj =25 oC Tj = 125 oC 6 5.5 mA mA ∆Id Quiescent Current Change Io = 1 to 40 mA 0.1 mA ∆Id Quiescent Current Change Vi =-9 to -20 V 1.5 mA eN Output Noise Voltage B = 10Hz to 100KHz Tj =25 oC50 µV SVR Supply Voltage Rejection Io = 40 mA f = 120 Hz Tj =25 oC Vi =-9 to -20 V 39 46 dB Vd Dropout Voltage 1.7 V L79L00 7/13 |