전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0132 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0132
상세설명  HSOP-44 to DIP-44 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0132 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0132 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0132 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
HSOP-44 to DIP-44 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.20
B
2.00
C
0.35
D
0.30
E
0.65
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
13
3
32
2
2


유사한 부품 번호 - IPC0132

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0130 PROTOADVANTAGE-IPC0130 Datasheet
43Kb / 2P
SOT-666 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 1.2 mm body)
revision 1.0
IPC0131 PROTOADVANTAGE-IPC0131 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0133 PROTOADVANTAGE-IPC0133 Datasheet
44Kb / 2P
TQFP-64 to DIP-64 SMT Adapter (1.0 mm pitch, 14 x 20 mm body)
revision 1.0
IPC0134 PROTOADVANTAGE-IPC0134 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0135 PROTOADVANTAGE-IPC0135 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (1.0 mm pitch, 14 x 14 mm body)
revision 1.0
More results

유사한 설명 - IPC0132

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
ACCUTEK MICROCIRCUIT CO...
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
36 Pin to 44 Pin DIP Adapters
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
44 Pin DIP Adapters
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
logo
Aries Electronics, Inc.
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Panasonic Semiconductor
EWVYG PANASONIC-EWVYG Datasheet
119Kb / 2P
44/25 mm Center Space Rotary Potentiometers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com