전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0147 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0147
상세설명  HSOP-48 to DIP-52 SMT Adapter (0.65 mm pitch, 16 x 8.8 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0147 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0147 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0147 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
HSOP-48 to DIP-52 SMT Adapter (0.65 mm pitch, 16 x 8.8 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.10
B
2.00
C
0.40
D
0.25
E
0.65
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
14
4
47
7
7


유사한 부품 번호 - IPC0147

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0140 PROTOADVANTAGE-IPC0140 Datasheet
43Kb / 2P
SSOP-36 to DIP-36 SMT Adapter (0.8 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0141 PROTOADVANTAGE-IPC0141 Datasheet
44Kb / 2P
PowerSSO-36 to DIP-40 SMT Adapter (0.5 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
IPC0142 PROTOADVANTAGE-IPC0142 Datasheet
43Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body)
revision 1.0
IPC0142C PROTOADVANTAGE-IPC0142C Datasheet
183Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body) Compact Series
revision 1.0
IPC0143 PROTOADVANTAGE-IPC0143 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.65 mm pitch, 4 x 4 mm body)
revision 1.0
More results

유사한 설명 - IPC0147

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
GREATECS
SB3 GREATECS-SB3 Datasheet
273Kb / 2P
8.8 mm Horizontal Slide Switches
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
logo
EHAOAN.
EH-C201KSKT EHAOAN-EH-C201KSKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com