전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0153 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0153
상세설명  DFN-6 to DIP-10 SMT Adapter (0.5 mm pitch, 2 x 3 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0153 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0153 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0153 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-6 to DIP-10 SMT Adapter (0.5 mm pitch, 2 x 3 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.00
B
1.00
C
0.30
B2
1.25
C2
1.30
D
0.20
D2
0.375
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
15
5
53
3
3


유사한 부품 번호 - IPC0153

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0150 PROTOADVANTAGE-IPC0150 Datasheet
44Kb / 2P
DFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 2.5 mm body)
revision 1.0
IPC0151 PROTOADVANTAGE-IPC0151 Datasheet
43Kb / 2P
MSOP-12 to DIP-12 SMT Adapter (0.65 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0152 PROTOADVANTAGE-IPC0152 Datasheet
44Kb / 2P
DFN-18 to DIP-22 SMT Adapter (0.4 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
IPC0154 PROTOADVANTAGE-IPC0154 Datasheet
44Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2 x 2 mm body)
revision 1.0
IPC0155 PROTOADVANTAGE-IPC0155 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 3 x 3 mm body)
revision 1.0
More results

유사한 설명 - IPC0153

제조업체부품명데이터시트상세설명
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
OSRAM GmbH
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LH-R974 OSRAM-LH-R974 Datasheet
394Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LY-R971 OSRAM-LY-R971 Datasheet
202Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com