전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0195 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0195
상세설명  DFN-6 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 2.6 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0195 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0195 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0195 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-6 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 2.6 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.40
B
1.00
C
0.30
D
0.20
E
0.50
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
IIP
PC
C0
01
19
95
5


유사한 부품 번호 - IPC0195

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0191 PROTOADVANTAGE-IPC0191 Datasheet
108Kb / 2P
RN42 to DIP-32 SMT Adapter (1.2 mm pitch, 25.8 x 13.4 mm body)
revision 1.0
IPC0191-S PROTOADVANTAGE-IPC0191-S Datasheet
105Kb / 1P
RN42 Stencil (1.2 mm pitch, 25.8 x 13.4 mm body)
revision 1.0
IPC0192 PROTOADVANTAGE-IPC0192 Datasheet
108Kb / 2P
QFN-36 to DIP-42 SMT Adapter (0.9 mm pitch, 9 x 11 mm body)
revision 1.0
IPC0193 PROTOADVANTAGE-IPC0193 Datasheet
107Kb / 2P
PLCC-68 to DIP-68 SMT Adapter (1.27 mm pitch, 25 x 25 mm body)
revision 1.0
IPC0194 PROTOADVANTAGE-IPC0194 Datasheet
106Kb / 2P
LGA-14 to DIP-14 SMT Adapter (0.8 mm pitch, 5.6 x 2.8 mm body)
revision 1.0
More results

유사한 설명 - IPC0195

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LHN974 OSRAM-LHN974 Datasheet
472Kb / 19P
SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-N971 OSRAM-LY-N971 Datasheet
202Kb / 20P
SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LG-N971 OSRAM-LG-N971 Datasheet
473Kb / 19P
SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LH-N974 OSRAM-LH-N974 Datasheet
472Kb / 19P
SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LH-Q974 OSRAM-LH-Q974 Datasheet
204Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.6 mm
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com