전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PN8054SSC-R1 데이터시트(PDF) 8 Page - Wuxi Chipown Micro-electronics limited

부품명 PN8054SSC-R1
상세설명  High-performance non-isolated AC/DC converter chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHIPOWN [Wuxi Chipown Micro-electronics limited]
홈페이지  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8054SSC-R1 데이터시트(HTML) 8 Page - Wuxi Chipown Micro-electronics limited

  PN8054SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PN8054
Chipown
www.chipown.com
© 2017 无锡芯朋微电子股份有限公司
Rev.1709
2017 年 9 月
8 / 9
编带及卷轴信息
SOP-7 Package
A
(mm)
T
(mm)
T1
(mm)
H
(mm)
ØC
(mm)
ØD
(mm)
d
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
330±1.0
3
+1/-0
12.4
+1/-0
100±0.5
12.00
+0.5/-0.2
17.70
±0.40
2.00
+0.5/-0.2
6.60
±0.1
5.2±0.1
1.9±0.1
W
(mm)
F
(mm)
E1
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
ØD0
(mm)
ØD1
(mm)
Pin 1 Quadrant
12.00
±0.1
5.50±0.1
1.75
±0.10
4.00
±0.10
8.0
±0.1
2.0
±0.1
1.5
+0.1/-0
1.55
±0.05
UL
备注:
1. 此制图可以不经通知进行调整;
2. 所有尺寸是毫米公制的标称值;
3. 此制图并非按严格比例,且仅供参考。客户可联系芯朋销售代表获得更多细节;
4. 此处举例仅供参考。



Html Pages

1 2 3 4 5 6 7 8 9