전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9935 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 L9935
상세설명  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
here usually only one Stepper motor driver is selected at a time while all others are deselected.
Application Information
For driving a stepper motor we suggest to use the following codes. The columned ’SDO correct’ shows
the data returned at SDO in correct function. The columnes presented under ’Error cases’ display the di-
agnosis bits if errors are detected.
Examples of control sequences
Full step mode control sequences and diagnosis response.
SDI
SDO
correct
Error cases and SDObit7, bit6
A
O
P
E
N
B
O
P
E
N
A1
S
H
O
R
T
VS
A2
S
H
O
R
T
VS
B1
S
H
O
R
T
VS
B2
S
H
O
R
T
VS
A1
*)
S
H
O
R
T
GND
A2
*)
S
H
O
R
T
GND
B1
*)
S
H
O
R
T
GND
B2
*)
S
H
O
R
T
GND
therm.
alarm
therm.
shut
down
(reset
operating
codes)
bit
76543210
76543210
76
76
76
76
76
76
76
76
76
76
76
76543210
XX111111
SDO PRESENT LAST DATA OR 11111111 IN CASE PREV. STATE WAS STAND BY
XX011011
XX010011
XX010010
XX011010
XX011011
XX010011
XX010010
XX011010
11111111
11011011
11010011
11010010
11011010
11011011
11010011
11010010
11
11
01
11
01
11
01
11
11
11
11
01
11
01
11
01
11
11
01
01
01
11
01
01
11
01
01
11
01
01
01
11
11
11
11
01
01
01
11
01
11
01
01
01
11
01
01
01
11
10
01
11
10
10
01
11
11
11
10
10
01
11
10
10
11
10
10
01
11
10
10
01
11
11
11
10
10
01
11
10
00
00
00
00
00
00
00
00
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
SDI
SDO
SCK
CSN1
CSN2
µP
SDI
SDO
SCK
CSN
SDI
SDO
SCK
CSN
no.1
no.2
D99AT440
Figure 10. Paralleling several Devices.
*) Motor resistance approximatelly 10
Ω and VS = 12V. So a short to ground only is detected on one branche of the bridge. Lower resistivity of
the motor may lead to detection of short to ground on both branches of the bridge leading to code 10 on all steps.
L9935
14/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19