| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3TR 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3TR 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 311 page ![]() - - - - - - E7 C8 3 3 B1 B1 3 3 D1 D1 PE4 I/O FT - TRACED1, TIM3_CH2, SAI1_D2, DFSDM1_DATIN3, TSC_G7_IO3, DCMI_D4/PSSI_D4, LCD_B7, FMC_A20, SAI1_FS_A, EVENTOUT - - - - - - - E8 D8 4 4 C2 C2 4 4 E4 E4 PE5 I/O FT - TRACED2, TIM3_CH3, SAI1_CK2, DFSDM1_CKIN3, TSC_G7_IO4, DCMI_D6/PSSI_D6, LCD_G7, FMC_A21, SAI1_SCK_A, EVENTOUT - - - - - - - D8 E7 5 5 D2 D2 5 5 E3 E3 PE6 I/O FT - TRACED3, TIM3_CH4, SAI1_D1, DCMI_D7/PSSI_D7, LCD_G6, FMC_A22, SAI1_SD_A, EVENTOUT RTC_TAMP3,WKU P3 111 11 1 C10 C10 6 6 E2 E2 6 6 E2 E2 VBAT S - - - - 2 2 2 2 2 2C9 C97 7C1 C17 7 E1 E1 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1/RTC _TS/RTC_OUT,WK UP2 Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |