전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI6P 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 STM32L4P5CEI6P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI6P 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button STM32L4P5CEI6P Datasheet HTML 72Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 73Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 74Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 75Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 76Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 77Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 78Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 79Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 311 page
background image
Table 15. STM32L4P5xx pin definitions
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions
-
---
--
---
-
D3
D3
-
-
M11 M11
VSS
S
-
-
-
-
-
---
--
---
-
C4
C4
-
-
C1
C1
VDD
S
-
-
-
-
-
---
--
---
--
---
C3
C3
PI11
I/O FT
-
OCTOSPIM_P2_IO0,
PSSI_D15,
EVENTOUT
-
-
-
-
-
-
-
C8
B9
1
1
B2
B2
1
1
D3
D3
PE2
I/O
FT
_l
-
TRACECK,
TIM3_ETR,
SAI1_CK1,
TSC_G7_IO1,
LCD_R7, FMC_A23,
SAI1_MCLK_A,
EVENTOUT
-
-
---
--
B10 B10
2
2
A1
A1
2
2
D2
D2
PE3
I/O
FT
_l
-
TRACED0,
TIM3_CH1,
OCTOSPIM_P1_DQS
, TSC_G7_IO2,
LCD_R6, FMC_A19,
SAI1_SD_B,
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More