| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI3P 데이터시트(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3P 데이터시트(HTML) 92 Page - STMicroelectronics |
|
92 / 311 page ![]() 25 25 25 25 33 33 J1 J1 51 51 L12 L12 73 73 N12 N12 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS, DFSDM1_DATIN1, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, OCTOSPIM_P1_NCL K, SDMMC2_CK, SAI2_FS_A, TIM15_BKIN, EVENTOUT - 26 26 26 26 34 34 H2 J2 52 52 K12 K12 74 74 N13 N13 PB13 I/O FT _fl - TIM1_CH1N, I2C2_SCL, SPI2_SCK, DFSDM1_CKIN1, USART3_CTS_NSS, LPUART1_CTS, TSC_G1_IO2, OCTOSPIM_P1_IO1, SAI2_SCK_A, TIM15_CH1N, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |