전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CET6 데이터시트(PDF) 89 Page - STMicroelectronics

부품명 STM32L4P5CET6
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CET6 데이터시트(HTML) 89 Page - STMicroelectronics

Back Button STM32L4P5CET6 Datasheet HTML 85Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 86Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 87Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 88Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 89Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 90Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 91Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 92Page - STMicroelectronics STM32L4P5CET6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 311 page
background image
-
-
-
-
-
-
J4
G5
43
43
L9
L9
65
65
M8
M8
PE12
I/O FT
-
TIM1_CH3N,
SPI1_NSS,
TSC_G5_IO3,
OCTOSPIM_P1_IO0,
LCD_G5, FMC_D9,
EVENTOUT
-
-
---
--
G5
G4
44
44
M1
0
M1
0
66
66
L8
L8
PE13
I/O FT
-
TIM1_CH3,
SPI1_SCK,
TSC_G5_IO4,
OCTOSPIM_P1_IO1,
LCD_G6, FMC_D10,
EVENTOUT
-
-
-
-
-
-
-
G4
J4
45
45
M11 M11
67
67
K8
K8
PE14
I/O FT
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
OCTOSPIM_P1_IO2,
LCD_G7, FMC_D11,
EVENTOUT
-
-
---
--
H4
H4
46
46
M1
2
M1
2
68
68
J8
J8
PE15
I/O FT
-
TIM1_BKIN,
SPI1_MOSI,
OCTOSPIM_P1_IO3,
LCD_R2, FMC_D12,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More