| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CET3 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CET3 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 311 page ![]() DS12903 Rev 2 41/311 STM32L4P5xx Functional overview 64 Figure 6. Multi-AHB bus matrix 3.13 Direct memory access controller (DMA) The device embeds 2 DMAs. Refer to Table 7: DMA implementation for the features implementation. Direct memory access (DMA) is used in order to provide a high-speed data transfer between peripherals and memory as well as from memory to memory. Data can be quickly moved by DMA without any CPU actions. This keeps the CPU resources free for other operations. The two DMA controllers have 14 channels in total, each one dedicated to manage memory access requests from one or more peripherals. Each controller has an arbiter for handling the priority between DMA requests. MSv61127V1 Cortex ®-M4 with FPU DMA1 DMA2 FSMC AHB2 peripherals AHB1 peripherals SRAM2 SRAM1 FLASH 2 MB ICode DCode OCTOSPI2 DMA2D BusMatrix-S LCD-TFT SDMMC1 SDMMC2 SRAM3 OCTOSPI1 |