| 전자부품 데이터시트 검색엔진 |
|
STM32F427II 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 240 page ![]() DS9405 Rev 12 67/240 STM32F427xx STM32F429xx Pinouts and pin description 85 76 109 A11 A14 137 B1 159 A14 PA14 (JTCK- SWCLK) I/O FT - JTCK-SWCLK/ EVENTOUT - 77 110 B11 A13 138 C2 160 A13 PA15 (JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS, SPI3_NSS/I2S3_WS, EVENTOUT - 78 111 C10 B14 139 A2 161 B14 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, SDIO_D2, DCMI_D8, LCD_R2, EVENTOUT - 79 112 B10 B13 140 B2 162 B13 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, USART3_RX, UART4_RX, SDIO_D3, DCMI_D4, EVENTOUT - 80 113 A10 A12 141 C3 163 A12 PC12 I/O FT - SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDIO_CK, DCMI_D9, EVENTOUT - 81 114 D9 B12 142 B3 164 B12 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - 82 115 C9 C12 143 C4 165 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - 83 116 B9 D12 144 A3 166 D12 PD2 I/O FT - TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - 84 117 A9 D11 145 B4 167 C11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |