| 전자부품 데이터시트 검색엔진 |
|
LXK2-PE12-R00 데이터시트(PDF) 11 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
LXK2-PE12-R00 데이터시트(HTML) 11 Page - Lumileds Lighting Company |
|
11 / 41 page ![]() LUXEON K2 Datasheet DS51 (7/07) 11 Absolute Maximum Ratings Table 8. C Co oo oll W Wh hiitte e//N Ne eu uttrra all W Wh hiitte e// G Grre ee en n//C Cy ya an n R Re ed d//R Re ed d O Orra an ng ge e W Wa arrm m W Wh hiitte e B Bllu ue e//R Ro oy ya all B Bllu ue e //A Am mb be err P Pa arra am me ette err V Va allu ue e V Va allu ue e V Va allu ue e DC Forward Current (mA) 1500 1500 700 Peak Pulsed Forward Current (mA) 1500 1500 700 Average Forward Current (mA) 1500 1500 700 ESD Sensitivity 2,000 V HBM 2,000 V HBM 2,000 V HBM Class 2 JESD22A114B Class 2 JESD22A114B Class 2 JESD22A114B LED Junction Temperature 150°C 185°C 150°C Max Case Temperature 135°C 170°C 135°C Storage Temperature 40°C 185°C 40°C 185°C 40°C 185°C K2 Star AluminumCore 105°C N/A N/A PCB Temperature Soldering Temperature JEDEC 020c 260°C JEDEC 020c 260°C JEDEC 020c 260°C Allowable Reflow Cycles 3 3 3 Autoclave Conditions 121°C at 2 ATM, 121°C at 2 ATM, 121°C at 2 ATM, 100% RH for 72 hours max 100% RH for 72 hours max 100% RH for 72 hours max Reverse Voltage (Vr) See Note 2 See Note 2 See Note 2 Notes for Table 8: 1. Proper current derating must be observed to maintain junction temperature below the maximum. 2. LEDs are not designed to be driven in reverse bias. 3. Stresses in excess of the absolute maximum ratings can cause damage to the emitter. Maximum Rating limits apply to each parameter in isolation, all parameters having values within the Current Derating Curve. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposures to the absolute maximum ratings for extended periods can adversely affect device reliability. See Current Derating Curves in this document for more details. |