| 전자부품 데이터시트 검색엔진 |
|
PXPPVC12RAM04ACL100PVC 데이터시트(PDF) 26 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM04ACL100PVC 데이터시트(HTML) 26 Page - Bulgin Limited. All rights reserved. |
|
26 / 35 page ![]() 191 Circular Automation Connectors PXMBNI12RPM08XRJM16 M12 X-Code Rear Panel Mounting Female - RJ45 PXMBNI12RPM08XRJM16 Part No. X Poles 08 Code RJ45 Termination Mounting Nut M16 Mounting / Gland Nut Thread 8 Pole Solder Termination Metal Flex Body Mates with Flex Inline Body Connectors Circular Automation Connectors M12 X-Code Series PXMBNI12FIM08XSCPG9 Nickel Plated M12 X-Code Flex Inline Body Male PXMBNI12FIM08XSCPG9 Part No. X Poles 08 Code Solder Terminal Termination Mounting Nut PG9 Mounting / Gland Nut Thread 8 Pole Solder Termination Metal Flex Inline Body Mates with Flex Body & Panel Mount Connectors PXMBNI12FBF08XSCPG9 Nickel Plating M12 X-Code Flex Body Female PXMBNI12FBF08XSCPG9 Part No. X Poles 08 Code Solder Terminal Termination Mounting Nut PG9 Mounting / Gland Nut Thread 8 Pole Solder Termination Metal Flex Body Mates with Flex Inline Body & Panel Mount Connectors |