전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY29972AI 데이터시트(PDF) 6 Page - Cypress Semiconductor

부품명 CY29972AI
상세설명  3.3V, 125-MHz Multi-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI 데이터시트(HTML) 6 Page - Cypress Semiconductor

  CY29972AI Datasheet HTML 1Page - Cypress Semiconductor CY29972AI Datasheet HTML 2Page - Cypress Semiconductor CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY29972
Document #: 38-07290 Rev. *C
Page 6 of 8
DC Parameters VDD = 2.9V to 3.6V, VDDC = 3.3V ±10%, TA = –40°C to +85°C
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
VSS
–0.8
V
VIH
Input High Voltage
2.0
–
VDD
V
IIL
Input Low Current[6]
–
–
–120
µA
IIH
Input High Current
–
–
10
µA
VOL
Output Low Voltage[7]
IOL = 20mA
–
–
0.5
V
VOH
Output High Voltage[7]
IOH = –20mA
2.4
–
–
V
IDDQ
Quiescent Supply Current
–
10
15
mA
IDDA
PLL Supply Current
VDD only
–
15
20
mA
IDD
Dynamic Supply Current
QA and QB @ 60 MHz, QC @ 120 MHz, CL = 30 pF
–
225
–
mA
QA and QB @ 25 MHz, QC @ 50 MHz, CL = 30pF
–
125
–
CIN
Input Pin Capacitance
–
4
–
pF
AC Parameters VDD = 2.9V to 3.6V, VDDC = 3.3V ±10%, TA = –40°C to +85°C
[8]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Tr / Tf
TCLK Input Rise/Fall
–
–
3.0
ns
Fref
Reference Input Frequency
Note 9
–
Note 9
MHz
Fxtal
Crystal Oscillator Frequency
see Table 3
10
–
25
MHz
FrefDC
Reference Input Duty Cycle
25
–
75
%
Fvco
PLL VCO Lock Range
200
–
480
MHz
Tlock
Maximum PLL Lock Time
–
–
10
ms
Tr / Tf
Output Clocks Rise / Fall Time[10]
0.8V to 2.0V
0.15
–
1.2
ns
Fout
Maximum Output Frequency
Q (³2)
–
–
125
MHz
Q (³4)
–
–
120
Q (³6)
–
–
80
Q (³8)
–
–
60
FoutDC
Output Duty Cycle[10]
TCYCLE/2 – 750
–
TCYCLE/2 + 750
ps
tpZL, tpZH
Output Enable Time[10](all outputs)
2
–
10
ns
tpLZ, tpHZ
Output Disable Time[10](all outputs)
2
–
8
ns
TCCJ
Cycle to Cycle Jitter[10](peak to peak)
–
± 100
–
ps
TSKEW
Any Output to Any Output Skew[10,11]
–250
350
ps
Tpd
Propagation Delay[11,12]
TCLK0
QFB = (³8)
–270
130
530
ps
TCLK1
–330
70
470
Ordering Information
Part Number
Package Type
Production Flow
CY29972AI
52-pin TQFP
Industrial, –40°C to +85°C
CY29972AIT
52-pin TQFP - Tape and Reel
Industrial, –40°C to +85°C
Lead-free
CY29972AXI
52-pin TQFP
Industrial, –40°C to +85°C
CY29972AXIT
52-pin TQFP - Tape and Reel
Industrial, –40°C to +85°C
Notes:
6. Inputs have pull-up/pull-down resistors that effect input current.
7. Driving series or parallel terminated 50
Ω (or 50Ω to V
DD/2) transmission lines.
8. Parameters are guaranteed by design and characterization. Not 100% tested in production.
9. Maximum and minimum input reference is limited by VC0 lock range.
10. Outputs loaded with 30 pF each.
11. 50
Ω transmission line terminated into V
DD/2.
12. Tpd is specified for a 50-MHz input reference. Tpd does not include jitter.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com