| 전자부품 데이터시트 검색엔진 |
|
SMAF110C 데이터시트(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SMAF110C 데이터시트(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
2 / 7 page ![]() Characteristics at Ta = 25 °C Type Reverse Stand-off Voltage Breakdown Voltage VRMW VBR @ I T Min Max V V V Test Current Reverse Leakage Max. Clamp Voltage Peak Pulse Current I T mA μA IR @ V RWM VC @ I PP I PP V A UNI BI μA UNI BI SMAF Package Device Marking Ccode UNI BI SMAF5.0 SMAF5.0A SMAF6.0 SMAF6.0A SMAF6.5 SMAF6.5A SMAF7.0 SMAF7.0A SMAF7.5 SMAF7.5A SMAF8.0 SMAF8.0A SMAF8.5 SMAF8.5A SMAF9.0 SMAF9.0A SMAF10 SMAF10A SMAF11 SMAF11A SMAF12 SMAF12A SMAF13 SMAF13A SMAF14 SMAF14A SMAF15 SMAF15A SMAF16 SMAF16A SMAF17 SMAF17A SMAF18 SMAF18A SMAF20 SMAF20A SMAF22 SMAF22A SMAF24 SMAF24A SMAF26 SMAF26A SMAF28 SMAF28A SMAF30 SMAF30A SMAF33 SMAF33A SMAF36 SMAF36A SMAF40 SMAF40A SMAF43 SMAF43A SMAF45 SMAF5.0C SMAF5.0CA SMAF6.0C SMAF6.0CA SMAF6.5C SMAF6.5CA SMAF7.0C SMAF7.0CA SMAF7.5C SMAF7.5CA SMAF8.0C SMAF8.0CA SMAF8.5C SMAF8.5CA SMAF9.0C SMAF9.0CA SMAF10C SMAF10CA SMAF11C SMAF11CA SMAF12C SMAF12CA SMAF13C SMAF13CA SMAF14C SMAF14CA SMAF15C SMAF15CA SMAF16C SMAF16CA SMAF17C SMAF17CA SMAF18C SMAF18CA SMAF20C SMAF20CA SMAF22C SMAF22CA SMAF24C SMAF24CA SMAF26C SMAF26CA SMAF28C SMAF28CA SMAF30C SMAF30CA SMAF33C SMAF33CA SMAF36C SMAF36CA SMAF40C SMAF40CA SMAF43C SMAF43CA SMAF45C 5 5 6 6 6.5 6.5 7 7 7.5 7.5 8 8 8.5 8.5 9 9 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 6.4 6.4 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10 10 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20 20 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40 40 44.4 44.4 47.8 47.8 50 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.6 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12 14.3 12.9 15 13.6 15.9 14.4 16.9 15.4 18.8 17 20.1 18.2 22 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43 38.9 46.6 42.1 50 45.4 53.5 48.4 59 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 41.7 43.85 35.1 38.8 32.5 35.7 30.1 33.3 28 31 26.7 29.4 25.2 27.8 23.7 26 21.3 23.5 19.9 22 18.2 20.1 16.8 18.6 15.5 17.2 14.9 16.4 13.9 15.4 13.1 14.5 12.4 13.7 11.2 12.3 10.2 11.3 9.3 10.3 8.6 9.5 8 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.8 5 5.0V 5.0A 6.0V 6.0A 6.5V 6.5A 7.0V 7.0A 7.5V 7.5A 8.0V 8.0A 8.5V 8.5A 9.0V 9.0A 10V 10A 11V 11A 12V 12A 13V 13A 14V 14A 15V 15A 16V 16A 17V 17A 18V 18A 20V 20A 22V 22A 24V 24A 26V 26A 28V 28A 30V 30A 33V 33A 36V 36A 40V 40A 43V 43A 45V 5.0C 5.0D 6.0C 6.0D 6.5C 6.5D 7.0C 7.0D 7.5C 7.5D 8.0C 8.0D 8.5C 8.5D 9.0C 9.0D 10C 10D 11C 11D 12C 12D 13C 13D 14C 14D 15C 15D 16C 16D 17C 17D 18C 18D 20C 20D 22C 22D 24C 24D 26C 26D 28C 28D 30C 30D 33C 33D 36C 36D 40C 40D 43C 43D 45C SMAF5.0A THRU SMAF220CA www.shunyegroup.com.cn V2.22 |