전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XP3P080N 데이터시트(PDF) 1 Page - YAGEO Corporation

부품명 XP3P080N
상세설명  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

XP3P080N 데이터시트(HTML) 1 Page - YAGEO Corporation

  XP3P080N Datasheet HTML 1Page - YAGEO Corporation XP3P080N Datasheet HTML 2Page - YAGEO Corporation XP3P080N Datasheet HTML 3Page - YAGEO Corporation XP3P080N Datasheet HTML 4Page - YAGEO Corporation XP3P080N Datasheet HTML 5Page - YAGEO Corporation XP3P080N Datasheet HTML 6Page - YAGEO Corporation XP3P080N Datasheet HTML 7Page - YAGEO Corporation XP3P080N Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
XP3P080N
P-CHANNEL ENHANCEMENT MODE
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
-30V
▼ Small Package Outline
RDS(ON)
80mΩ
▼ Surface Mount Device
ID
-3.2A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
100
℃/W
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
3
Operating Junction Temperature Range
Storage Temperature Range
Halogen-Free Product
Drain Current
3, V
GS @ 4.5V
-2.6
Pulsed Drain Current
1
-10
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current
3, V
GS @ 4.5V
202310131YAGEO
1
Rating
- 30
+12
-3.2
-55 to 150
1.25
D
G
S
SOT-23S
G
D
S
XP3P080 series are innovated design and silicon process
technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme
efficient device for use in a wide range of power applications.
The SOT-23S package is widely preferred for commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters.


유사한 부품 번호 - XP3P080N

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
XP3P010AMT YAGEO-XP3P010AMT Datasheet
328Kb / 8P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
XP3P010BMT YAGEO-XP3P010BMT Datasheet
342Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
XP3P010BYT YAGEO-XP3P010BYT Datasheet
852Kb / 8P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
XP3P010H YAGEO-XP3P010H Datasheet
186Kb / 8P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
XP3P010I YAGEO-XP3P010I Datasheet
224Kb / 8P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

유사한 설명 - XP3P080N

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com