전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM9715L 데이터시트(PDF) 29 Page - Wolfson Microelectronics plc

부품명 WM9715L
상세설명  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715L 데이터시트(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9715L Datasheet HTML 25Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 26Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 27Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 28Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 29Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 30Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 31Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 32Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
29
Note that at low DCVDD voltages, the output range of the AUXDAC becomes limited, so that its
maximum RMS output voltage is the lesser of:
(DCVDD-0.7) / √2 Vrms
or AVDD / 3.3 Vrms
Under these circumstances, the AUXDAC cannot convert high digital input values to the correct
analogue equivalent; its digital input range must therefore be limited accordingly. If necessary, this
limitation can be circumvented by setting gains for the AUXDAC signal in register 12h, or by using a
higher DCVDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77