전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CYP15G0401TB-BGC 데이터시트(PDF) 2 Page - Cypress Semiconductor

부품명 CYP15G0401TB-BGC
상세설명  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB-BGC 데이터시트(HTML) 2 Page - Cypress Semiconductor

  CYP15G0401TB-BGC Datasheet HTML 1Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 2Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 3Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 4Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 5Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 6Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 2 of 30
The parallel input interface may be configured for numerous
forms of clocking to provide the highest flexibility in system
architecture.
Each transmitter contains an independent BIST pattern
generator. This BIST hardware allows at-speed testing of the
high-speed serial data paths in each transmit section, and
across the interconnecting links.
HOTLink II devices are ideal for a variety of applications where
parallel
interfaces
can
be
replaced
with
high-speed,
point-to-point
serial
links.
Some
applications
include
interconnecting backplanes on switches, routers, servers and
video transmission systems.
CYP15G0401TB Transmitter Logic Block Diagram
Serializer
Phase
Encoder
8B/10B
TX
Serializer
Encoder
8B/10B
TX
Serializer
Encoder
8B/10B
TX
Serializer
Encoder
8B/10B
TX
Align
Buffer
Phase
Align
Buffer
Phase
Align
Buffer
Phase
Align
Buffer
x10
x10
x10
x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30