전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S6065KTP 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 S6065KTP
상세설명  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S6065KTP 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  S6065KTP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S6065KTP Datasheet HTML 2Page - Inchange Semiconductor Company Limited S6065KTP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
S6065KTP
www.iscsemi.com
1
FEATURES
· IGT Maximum= 50mA
· RoHS Compliant
· Glass-Passivated Junctions
APPLICATIONS
· Industrial Power Tools
· Exercise Equipment
· White Goods
· Commercial Appliances
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM,
VRRM
Repetitive Peak Off-state Voltage
600
V
IT(RMS)
On-state RMS Curremt @Tc= 75℃
65
A
IT(AV)
On-state Current @Tc= 75℃
41
A
ITSM
Non-repetitive Peak On-state Current
Single Half Cycle, f= 50Hz
800
A
Single Half Cycle, f= 60Hz
950
A
I2t
I2t Value for Fusing, tp= 8.3ms
3745
A2S
PG(AV)
Average Gate Power Dissipation, Tj= 125℃
1
W
di/dt
Repetitive Rate of Rise of On-state Current after Triggering, f= 60Hz, Tj= 125℃
200
A/us
IGM
Peak Gate Current, tp=20us, Tj= 125℃
5
A
TJ
Operating Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~150
℃
Isolated


유사한 부품 번호 - S6065KTP

제조업체부품명데이터시트상세설명
logo
Littelfuse
S6065KTP LITTELFUSE-S6065KTP Datasheet
245Kb / 8P
65 / 70 Amp Standard SCRs
More results

유사한 설명 - S6065KTP

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com