전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UG-2828GDEDF02 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers

부품명 UG-2828GDEDF02
상세설명  OEL Display Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

UG-2828GDEDF02 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button UG-2828GDEDF02 Datasheet HTML 17Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 18Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 19Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 20Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 21Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 22Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 23Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 24Page - List of Unclassifed Manufacturers UG-2828GDEDF02 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
U
Un
niivviissiio
on
n T
Te
ecch
hn
no
ollo
og
gyy IIn
ncc..
Doc. No: SAS1-XXXX-A
16
6
6.. O
Ou
uttg
go
oiin
ng
g Q
Qu
ua
alliitty
y C
Co
on
nttrro
oll S
Sp
pe
ec
ciiffiic
ca
attiio
on
nss
6.1 Environment Required
Customer’s test & measurement are required to be conducted under the following
conditions:
Temperature:
23
± 5°C
Humidity:
55
± 15 %RH
Fluorescent Lamp:
30W
Distance between the Panel & Lamp:
≥ 50 cm
Distance between the Panel & Eyes of the Inspector:
≥ 30 cm
Finger glove (or finger cover) must be worn by the inspector.
Inspection table or jig must be anti-electrostatic.
6.2 Sampling Plan
Level II, Normal Inspection, Single Sampling, MIL-STD-105E
6.3 Criteria & Acceptable Quality Level
Partition
AQL
Definition
Major
0.65
Defects in Pattern Check (Display On)
Minor
1.0
Defects in Cosmetic Check (Display Off)
6.3.1 Cosmetic Check (Display Off) in Non-Active Area
Check Item
Classification
Criteria
Panel
General Chipping
Minor
X > 6 mm
(Along with Edge)
Y > 1 mm
(Perpendicular to edge)
X
Y
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com