전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT16245TPACTG4 데이터시트(PDF) 13 Page - Texas Instruments

부품명 74FCT16245TPACTG4
상세설명  16-Bit Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74FCT16245TPACTG4 데이터시트(HTML) 13 Page - Texas Instruments

Back Button 74FCT16245TPACTG4 Datasheet HTML 9Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 10Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 11Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 12Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 13Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 14Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 15Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 16Page - Texas Instruments 74FCT16245TPACTG4 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74FCT162245ATPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162245ATPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
74FCT162245CTPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162245CTPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
74FCT162H245ATPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162H245ATPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
74FCT162H245CTPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162H245CTPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT162245TPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT162245TPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT16245ATPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT16245ATPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT16245CTPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT16245CTPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT16245TPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT16245TPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17