| 전자부품 데이터시트 검색엔진 |
|
STM32F101X6 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101X6 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 74 page ![]() Pin descriptions STM32F101xx 20/74 -19 28 - VDD_4 SVDD_4 14 20 29 11 PA4 I/O PA4 SPI1_NSS/ADC_IN4 USART2_CK(8)/ 15 21 30 12 PA5 I/O PA5 SPI1_SCK/ADC_IN5 16 22 31 13 PA6 I/O PA6 SPI1_MISO/ADC_IN6/ TIM3_CH1(8) 17 23 32 14 PA7 I/O PA7 SPI1_MOSI/ADC_IN7/ TIM3_CH2(8) - 24 33 PC4 I/O PC4 ADC_IN14 - 25 34 PC5 I/O PC5 ADC_IN15 18 26 35 15 PB0 I/O PB0 ADC_IN8/TIM3_CH3(8) 19 27 36 16 PB1 I/O PB1 ADC_IN9/TIM3_CH4(8) 20 28 37 17 PB2/BOOT1 I/O FT PB2/BOOT1 - - 38 - PE7 I/O FT PE7 - - 39 - PE8 I/O FT PE8 - - 40 - PE9 I/O FT PE9 - - 41 - PE10 I/O FT PE10 - - 42 - PE11 I/O FT PE11 - - 43 - PE12 I/O FT PE12 - - 44 - PE13 I/O FT PE13 - - 45 - PE14 I/O FT PE14 - - 46 - PE15 I/O FT PE15 21 29 47 - PB10 I/O FT PB10 I2C2_SCL(6)/ USART3_TX(6) (8) TIM2_CH3 22 30 48 - PB11 I/O FT PB11 I2C2_SDA(6)/ USART3_RX(6) (8) TIM2_CH4 23 31 49 18 VSS_1 SVSS_1 24 32 50 19 VDD_1 SVDD_1 25 33 51 - PB12 I/O FT PB12 SPI2_NSS(6) (8)/ I2C2_SMBAl(6)/ USART3_CK(6) (8) 26 34 52 - PB13 I/O FT PB13 SPI2_SCK(6)(8)/ USART3_CTS(6)(8) 27 35 53 - PB14 I/O FT PB14 SPI2_MISO(6)(8)/ USART3_RTS(6)(8) Table 3. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3) Default Remap |